Part Number Hot Search : 
AMC393 R1001 HA174 CY7C1380 RFV5BM6S MSC5LA7 56F8365 IRF9Z14S
Product Description
Full Text Search
 

To Download APT60D60LCTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 600V 2x60A APT60D60LCT APT60D60LCTG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-264 Package * Low Forward Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1
TO -
26
4
2
3
1 2
3
1 - Anode 1 2 - Common Cathode Back of Case - Cathode 3 - Anode 2
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings Per Leg: TC = 25C unless otherwise specified.
APT60D60LCT(G) UNIT
600
Volts
Maximum Average Forward Current (TC = 135C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
60 132 600 -55 to 175 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 60A VF Forward Voltage IF = 120A IF = 60A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V Microsemi Website - http://www.microsemi.com VR = 600V VR = 600V, TJ = 125C MIN TYP MAX UNIT
1.6 1.9 1.4
1.8
Volts
500 90
053-6017 Rev B
pF
6-2006
250
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 60A, diF/dt = -1000A/s VR = 400V, TC = 125C IF = 60A, diF/dt = -200A/s VR = 400V, TC = 125C IF = 60A, diF/dt = -200A/s VR = 400V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP
APT60D60LCT(G)
MAX UNIT ns nC
40 130 220 4 170 920 10 80 1900 38 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
.34 40 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
Microsemi reserves the right to change, without notice, the specifications and information contained herein. 0.35 , THERMAL IMPEDANCE (C/W) 0.30 0.25 0.20 0.15 0.10 0.05 0 10 0.3 D = 0.9
0.7
0.5
Note:
PDM
t1 t2
Z
0.1 0.05
-5
SINGLE PULSE 10
-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
TJ (C)
6-2006
0.129 Dissipated Power (Watts) 0.0107 0.120
TC (C)
0.211 ZEXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction.
053-6017 Rev B
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
ZEXT
TYPICAL PERFORMANCE CURVES
200 180 IF, FORWARD CURRENT (A) 160 140 120 100 80 60 40 20 0 0 TJ = 125C TJ = 25C TJ = 150C TJ = -55C trr, REVERSE RECOVERY TIME (ns)
200 180 160 140 120 100 80 60 40 20 120A 60A
APT60D60LCT(G)
T = 125C J V = 400V
R
30A
0.5 1 1.5 2 2.5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 2500 Qrr, REVERSE RECOVERY CHARGE (nC)
T = 125C J V = 400V
R
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 40 35 30 25 20 15 10 5 0
T = 125C J V = 400V
R
0
120A
2000
120A 60A
1500
60A 30A
1000 30A 500
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 160 140 120 IF(AV) (A) 100 80 60
Duty cycle = 0.5 T = 175C
J
trr
Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 0.8 0.6 0.4 0.2 0.0
Qrr
trr IRRM
Qrr
40 20
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature
700 CJ, JUNCTION CAPACITANCE (pF) 600 500 400 300 200 100
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
0
1
053-6017 Rev B
6-2006
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT60M75L2LL
APT60D60LCT(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-264 (LCT) Package Outline
e1 SAC: Tin, Silver, Copper
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079)
19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
Common Cathode
25.48 (1.003) 26.49 (1.043)
2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
6-2006
Anode 1 Common Cathode Anode 2
053-6017 Rev B
0.48 (.019) 0.84 (.033) 2.59 (.102) 3.00 (.118)
0.76 (.030) 1.30 (.051) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT60D60LCTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X